Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRL 81A-RS Datasheet (PDF) - ams-OSRAM AG

IRL 81A-RS Datasheet PDF - ams-OSRAM AG
Part # IRL 81A-RS
Download  IRL 81A-RS Download
File Size   1078.9 Kbytes
Page   15 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description High Power Infrared Emitter

IRL 81A-RS Datasheet (PDF)

Go To PDF Page Download Datasheet
IRL 81A-RS Datasheet PDF - ams-OSRAM AG

Part # IRL 81A-RS
Download  IRL 81A-RS Click to download

File Size   1078.9 Kbytes
Page   15 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description High Power Infrared Emitter

IRL 81A-RS Datasheet (HTML) - ams-OSRAM AG


IRL 81A-RS Product details

Applications
- Access Control & Security - Appliances & Tools
Features
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- High Power Infrared LED
- Pink plastic package with lateral emission
- Short switching times
- Matches phototransistor LPT 80 A





Similar Part No. - IRL 81A-RS

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
IRL LORLIN-IRL Datasheet
888Kb / 2P
IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
IRL LORLIN-IRL Datasheet
452Kb / 1P
IRL IMPULSION LOCK SWITCHES
IRL-5-D-D-2 LORLIN-IRL-5-D-D-2 Datasheet
888Kb / 2P
IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
IRL-5-D-S-2 LORLIN-IRL-5-D-S-2 Datasheet
888Kb / 2P
IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
IRL-5-K-D-2 LORLIN-IRL-5-K-D-2 Datasheet
452Kb / 1P
IRL IMPULSION LOCK SWITCHES
More results


Similar Description - IRL 81A-RS

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE8600CP MARKTECH-MTE8600CP Datasheet
828Kb / 4P
High Power Infrared Emitter
MTE8600MC MARKTECH-MTE8600MC Datasheet
771Kb / 4P
High Power Infrared Emitter
MTE9460WC MARKTECH-MTE9460WC Datasheet
521Kb / 3P
High Power Infrared Emitter
MTE8600C2 MARKTECH-MTE8600C2_15 Datasheet
769Kb / 3P
High Power Infrared Emitter
logo
OSRAM GmbH
SFH-4045N OSRAM-SFH-4045N Datasheet
445Kb / 13P
High Power Infrared Emitter
SFH-4050 OSRAM-SFH-4050 Datasheet
425Kb / 13P
High Power Infrared Emitter
SFH-4235 OSRAM-SFH-4235 Datasheet
415Kb / 13P
High Power Infrared Emitter
SFH-4240 OSRAM-SFH-4240 Datasheet
454Kb / 13P
High Power Infrared Emitter
SFH-4256 OSRAM-SFH-4256 Datasheet
425Kb / 13P
High Power Infrared Emitter
SFH-4557 OSRAM-SFH-4557 Datasheet
402Kb / 9P
High Power Infrared Emitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com